| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4088 bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 71 page ![]() Firmware migration using the library AN4088 42/71 DocID023072 Rev 3 4.3 Flash driver The table below presents the Flash driver API correspondence between STM32F10x and STM32F0xx Libraries. You can easily update your application code by replacing STM32F10x functions by the corresponding function in the STM32F0xx Library. Table 21. STM32F10x and STM32F0xx Flash driver API correspondence STM32F10x Flash driver API STM32F0xx Flash driver API void FLASH_SetLatency(uint32_t FLASH_Latency); void FLASH_SetLatency(uint32_t FLASH_Latency); void FLASH_PrefetchBufferCmd(uint32_t FLASH_PrefetchBuffer); void FLASH_PrefetchBufferCmd(FunctionalState NewState); void FLASH_HalfCycleAccessCmd(uint32_t FLASH_HalfCycleAccess); NA void FLASH_ITConfig(uint32_t FLASH_IT, FunctionalState NewState); void FLASH_ITConfig(uint32_t FLASH_IT, FunctionalState NewState); void FLASH_Unlock(void); void FLASH_Unlock(void); void FLASH_Lock(void); void FLASH_Lock(void); FLASH_Status FLASH_ErasePage(uint32_t Page_Address); FLASH_Status FLASH_ErasePage(uint32_t Page_Address); FLASH_Status FLASH_EraseAllPages(void); FLASH_Status FLASH_EraseAllPages(void); FLASH_STATUS FLASH_ERASEOPTIONBYTES(void); FLASH_STATUS FLASH_OB_ERASE(void); FLASH_Status FLASH_ProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_ProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_ProgramHalfWord(uint32_t Address, uint16_t Data); FLASH_Status FLASH_ProgramHalfWord(uint32_t Address, uint16_t Data); |