| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4088 bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 71 page ![]() DocID023072 Rev 3 67/71 AN4088 Firmware migration using the library 70 void USART_SmartCardCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SmartCardCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SmartCardNACKCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SmartCardNACKCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_SetGuardTime(USART_TypeDef* USARTx, uint8_t USART_GuardTime); void USART_SetGuardTime(USART_TypeDef* USARTx, uint8_t USART_GuardTime); NA void USART_SetAutoRetryCount(USART_TypeDef* USARTx, uint8_t USART_AutoCount); NA void USART_SetBlockLength(USART_TypeDef* USARTx, uint8_t USART_BlockLength); void USART_IrDAConfig(USART_TypeDef* USARTx, uint32_t USART_IrDAMode); void USART_IrDAConfig(USART_TypeDef* USARTx, uint32_t USART_IrDAMode); void USART_IrDACmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_IrDACmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_DECmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_DEPolarityConfig(USART_TypeDef* USARTx, uint32_t USART_DEPolarity); NA void USART_SetDEAssertionTime(USART_TypeDef* USARTx, uint32_t USART_DEAssertionTime); NA void USART_SetDEDeassertionTime(USART_TypeDef * USARTx, uint32_t USART_DEDeassertionTime); void USART_DMACmd(USART_TypeDef* USARTx, uint32_t USART_DMAReq, FunctionalState NewState); void USART_DMACmd(USART_TypeDef* USARTx, uint32_t USART_DMAReq, FunctionalState NewState); void USART_DMAReceptionErrorConfig(USART_TypeDe f* USARTx, uint32_t USART_DMAOnError); void USART_DMAReceptionErrorConfig(USART_Type Def* USARTx, uint32_t USART_DMAOnError); Table 29. STM32F10x and STM32F0xx USART driver API correspondence (continued) STM32F10xx USART driver API STM32F0xx USART driver API |