công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4088 bảng dữ liệu(PDF) 56 Page - STMicroelectronics

tên linh kiện AN4088
Giải thích chi tiết về linh kiện  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 bảng dữ liệu(HTML) 56 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 52Page - STMicroelectronics AN4088 Datasheet HTML 53Page - STMicroelectronics AN4088 Datasheet HTML 54Page - STMicroelectronics AN4088 Datasheet HTML 55Page - STMicroelectronics AN4088 Datasheet HTML 56Page - STMicroelectronics AN4088 Datasheet HTML 57Page - STMicroelectronics AN4088 Datasheet HTML 58Page - STMicroelectronics AN4088 Datasheet HTML 59Page - STMicroelectronics AN4088 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
Firmware migration using the library
AN4088
56/71
DocID023072 Rev 3
4.12
CEC application code
You can easily update your CEC application code by replacing STM32F10x functions by the
corresponding function in the STM32F0xx Library.The table below presents the CEC driver
API correspondence between STM32F10x and STM32F0xx Libraries.
Table 26. STM32F10xx and STM32F0xx CEC driver API correspondence
STM32F10xx CEC driver API
STM32F0xx CEC driver API
void CEC_DeInit(void);
void CEC_DeInit(void);
void CEC_Init(CEC_InitTypeDef* CEC_InitStruct);
void CEC_Init(CEC_InitTypeDef* CEC_InitStruct);
NA
void CEC_StructInit(CEC_InitTypeDef* CEC_InitStruct);
void CEC_Cmd(FunctionalState NewState);
void CEC_Cmd(FunctionalState NewState);
NA
void CEC_ListenModeCmd(FunctionalState NewState);
void CEC_OwnAddressConfig(uint8_t
CEC_OwnAddress);
void CEC_OwnAddressConfig(uint8_t
CEC_OwnAddress);
NA
void CEC_OwnAddressClear(void);
void CEC_SetPrescaler(uint16_t CEC_Prescaler);
NA
void CEC_SendDataByte(uint8_t Data);
void CEC_SendData(uint8_t Data);
uint8_t CEC_ReceiveDataByte(void);
uint8_t CEC_ReceiveData(void);
void CEC_StartOfMessage(void);
void CEC_StartOfMessage(void);
void CEC_EndOfMessageCmd(FunctionalState
NewState);
void CEC_EndOfMessage(void);
void CEC_ITConfig(FunctionalState NewState)
void CEC_ITConfig(uint16_t CEC_IT, FunctionalState
NewState);
FlagStatus CEC_GetFlagStatus(uint32_t
CEC_FLAG);
FlagStatus CEC_GetFlagStatus(uint16_t CEC_FLAG);
void CEC_ClearFlag(uint32_t CEC_FLAG)
void CEC_ClearFlag(uint32_t CEC_FLAG);
ITStatus CEC_GetITStatus(uint8_t CEC_IT)
ITStatus CEC_GetITStatus(uint16_t CEC_IT);
void CEC_ClearITPendingBit(uint16_t CEC_IT)
void CEC_ClearITPendingBit(uint16_t CEC_IT);
Color key:
= New function
= Same function, but API was changed
= Function not available (NA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71