| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4088 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 71 page ![]() DocID023072 Rev 3 65/71 AN4088 Firmware migration using the library 70 Table 29. STM32F10x and STM32F0xx USART driver API correspondence STM32F10xx USART driver API STM32F0xx USART driver API void USART_DeInit(USART_TypeDef* USARTx); void USART_DeInit(USART_TypeDef* USARTx); void USART_Init(USART_TypeDef* USARTx, USART_InitTypeDef* USART_InitStruct); void USART_Init(USART_TypeDef* USARTx, USART_InitTypeDef* USART_InitStruct); void USART_StructInit(USART_InitTypeDef* USART_InitStruct); void USART_StructInit(USART_InitTypeDef* USART_InitStruct); void USART_ClockInit(USART_TypeDef* USARTx, USART_ClockInitTypeDef* USART_ClockInitStruct); void USART_ClockInit(USART_TypeDef* USARTx, USART_ClockInitTypeDef* USART_ClockInitStruct); void USART_ClockStructInit(USART_ClockInitTypeDef* USART_ClockInitStruct); void USART_ClockStructInit(USART_ClockInitTypeDef* USART_ClockInitStruct); void USART_Cmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_Cmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_DirectionModeCmd(USART_TypeDef* USARTx, uint32_t USART_DirectionMode, FunctionalState NewState); void USART_SetPrescaler(USART_TypeDef* USARTx, uint8_t USART_Prescaler); void USART_SetPrescaler(USART_TypeDef* USARTx, uint8_t USART_Prescaler); void USART_OverSampling8Cmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_OverSampling8Cmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_OneBitMethodCmd(USART_TypeDef* USARTx, FunctionalState NewState); void USART_OneBitMethodCmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_MSBFirstCmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_DataInvCmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_InvPinCmd(USART_TypeDef* USARTx, uint32_t USART_InvPin, FunctionalState NewState); NA void USART_SWAPPinCmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_ReceiverTimeOutCmd(USART_TypeDef* USARTx, FunctionalState NewState); NA void USART_SetReceiverTimeOut(USART_TypeDef* USARTx, uint32_t USART_ReceiverTimeOut); |