| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4088 bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 71 page ![]() DocID023072 Rev 3 69/71 AN4088 Firmware migration using the library 70 4.16 IWDG driver Existing IWDG available on STM32F10xx and STM32F0xx devices have the same specifications, with window capability additional feature in STM32F0 series which detect over frequency on external oscillators. The table below lists the IWDG driver APIs. Table 30. STM32F10xx and STM32Fxx IWDG driver API correspondence STM32F10xx IWDG driver API STM32F0xx IWDG driver API void IWDG_WriteAccessCmd(uint16_t IWDG_WriteAccess); void IWDG_WriteAccessCmd(uint16_t IWDG_WriteAccess); void IWDG_SetPrescaler(uint8_t IWDG_Prescaler); void IWDG_SetPrescaler(uint8_t IWDG_Prescaler); void IWDG_SetReload(uint16_t Reload); void IWDG_SetReload(uint16_t Reload); void IWDG_ReloadCounter(void); void IWDG_ReloadCounter(void); NA void IWDG_SetWindowValue(uint16_t WindowValue); void IWDG_Enable(void); void IWDG_Enable(void); FlagStatus IWDG_GetFlagStatus(uint16_t IWDG_FLAG); FlagStatus IWDG_GetFlagStatus(uint16_t IWDG_FLAG); Color key: = New function = Same function, but API was changed = Function not available (NA) |