| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4088 bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 71 page ![]() Firmware migration using the library AN4088 62/71 DocID023072 Rev 3 4.14 SPI driver The STM32F0xx SPI includes some new features as compared with STM32F10xx SPI. Table 28 presents the SPI driver API correspondence between STM32F10x and STM32F0xx Libraries. Table 28. STM32F10xx and STM32F0xx SPI driver API correspondence STM32F10xx SPI driver API STM32F0xx SPI driver API void SPI_I2S_DeInit(SPI_TypeDef* SPIx); void SPI_I2S_DeInit(SPI_TypeDef* SPIx); void SPI_Init(SPI_TypeDef* SPIx, SPI_InitTypeDef* SPI_InitStruct); void SPI_Init(SPI_TypeDef* SPIx, SPI_InitTypeDef* SPI_InitStruct); void I2S_Init(SPI_TypeDef* SPIx, I2S_InitTypeDef* I2S_InitStruct); void I2S_Init(SPI_TypeDef* SPIx, I2S_InitTypeDef* I2S_InitStruct); void SPI_StructInit(SPI_InitTypeDef* SPI_InitStruct); void SPI_StructInit(SPI_InitTypeDef* SPI_InitStruct); void I2S_StructInit(I2S_InitTypeDef* I2S_InitStruct); void I2S_StructInit(I2S_InitTypeDef* I2S_InitStruct); NA void SPI_TIModeCmd(SPI_TypeDef* SPIx, FunctionalState NewState); NA void SPI_NSSPulseModeCmd(SPI_TypeDef* SPIx, FunctionalState NewState); void SPI_Cmd(SPI_TypeDef* SPIx, FunctionalState NewState); void SPI_Cmd(SPI_TypeDef* SPIx, FunctionalState NewState); void I2S_Cmd(SPI_TypeDef* SPIx, FunctionalState NewState); void I2S_Cmd(SPI_TypeDef* SPIx, FunctionalState NewState); void SPI_DataSizeConfig(SPI_TypeDef* SPIx, uint16_t SPI_DataSize); void SPI_DataSizeConfig(SPI_TypeDef* SPIx, uint16_t SPI_DataSize); NA void SPI_RxFIFOThresholdConfig(SPI_TypeDef* SPIx, uint16_t SPI_RxFIFOThreshold); NA void SPI_BiDirectionalLineConfig(SPI_TypeDef* SPIx, uint16_t SPI_Direction); void SPI_NSSInternalSoftwareConfig(SPI_TypeDef* SPIx, uint16_t SPI_NSSInternalSoft); void SPI_NSSInternalSoftwareConfig(SPI_TypeDef* SPIx, uint16_t SPI_NSSInternalSoft); void SPI_SSOutputCmd(SPI_TypeDef* SPIx, FunctionalState NewState); void SPI_SSOutputCmd(SPI_TypeDef* SPIx, FunctionalState NewState); void SPI_I2S_SendData(SPI_TypeDef* SPIx, uint16_t Data); void SPI_SendData8(SPI_TypeDef* SPIx, uint8_t Data); void SPI_I2S_SendData16(SPI_TypeDef* SPIx, uint16_t Data); uint16_t SPI_I2S_ReceiveData(SPI_TypeDef* SPIx); uint8_t SPI_ReceiveData8(SPI_TypeDef* SPIx); uint16_t SPI_I2S_ReceiveData16(SPI_TypeDef* SPIx); |