| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4088 bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 71 page ![]() DocID023072 Rev 3 63/71 AN4088 Firmware migration using the library 70 NA void SPI_CRCLengthConfig(SPI_TypeDef* SPIx, uint16_t SPI_CRCLength); void SPI_TransmitCRC(SPI_TypeDef* SPIx); void SPI_TransmitCRC(SPI_TypeDef* SPIx); void SPI_CalculateCRC(SPI_TypeDef* SPIx, FunctionalState NewState); void SPI_CalculateCRC(SPI_TypeDef* SPIx, FunctionalState NewState); uint16_t SPI_GetCRC(SPI_TypeDef* SPIx, uint8_t SPI_CRC); uint16_t SPI_GetCRC(SPI_TypeDef* SPIx, uint8_t SPI_CRC); uint16_t SPI_GetCRCPolynomial(SPI_TypeDef* SPIx); uint16_t SPI_GetCRCPolynomial(SPI_TypeDef* SPIx); void SPI_I2S_DMACmd(SPI_TypeDef* SPIx, uint16_t SPI_I2S_DMAReq, FunctionalState NewState); void SPI_I2S_DMACmd(SPI_TypeDef* SPIx, uint16_t SPI_I2S_DMAReq, FunctionalState NewState); NA void SPI_LastDMATransferCmd(SPI_TypeDef* SPIx, uint16_t SPI_LastDMATransfer); void SPI_I2S_ITConfig(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT, FunctionalState NewState); void SPI_I2S_ITConfig(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT, FunctionalState NewState); NA uint16_t SPI_GetTransmissionFIFOStatus(SPI_TypeDef* SPIx); NA uint16_t SPI_GetReceptionFIFOStatus(SPI_TypeDef* SPIx); FlagStatus SPI_I2S_GetFlagStatus(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG); FlagStatus SPI_I2S_GetFlagStatus(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG);(*) void SPI_I2S_ClearFlag(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG); void SPI_I2S_ClearITPendingBit(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT); void SPI_I2S_ClearFlag(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG);(*) ITStatus SPI_I2S_GetITStatus(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT); ITStatus SPI_I2S_GetITStatus(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT);(*) (*) One more flag in STM32F0xx (TI frame format error) can generate an event in comparison with STM32F10xx driver API. Table 28. STM32F10xx and STM32F0xx SPI driver API correspondence (continued) STM32F10xx SPI driver API STM32F0xx SPI driver API Color key: = New function = Same function, but API was changed = Function not available (NA) |