công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 75 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 75 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 71Page - Microsemi Corporation A2F200 Datasheet HTML 72Page - Microsemi Corporation A2F200 Datasheet HTML 73Page - Microsemi Corporation A2F200 Datasheet HTML 74Page - Microsemi Corporation A2F200 Datasheet HTML 75Page - Microsemi Corporation A2F200 Datasheet HTML 76Page - Microsemi Corporation A2F200 Datasheet HTML 77Page - Microsemi Corporation A2F200 Datasheet HTML 78Page - Microsemi Corporation A2F200 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-63
Clock Conditioning Circuits
CCC Electrical Specifications
Timing Characteristics
Table 2-86 • SmartFusion CCC/PLL Specification
Parameter
Minimum
Typical
Maximum
Units
Clock Conditioning Circuitry Input Frequency fIN_CCC
1.5
350
MHz
Clock Conditioning Circuitry Output Frequency fOUT_CCC
0.75
3501
MHz
Delay Increments in Programmable Delay Blocks2,3,4
160
ps
Number of Programmable Values in Each
Programmable Delay Block
32
Input Period Jitter
1.5
ns
Acquisition Time
LockControl = 0
300
µs
LockControl = 1
6.0
ms
Tracking Jitter5
LockControl = 0
1.6
ns
LockControl = 1
0.8
ns
Output Duty Cycle
48.5
5.15
%
Delay Range in Block: Programmable Delay 12,3
0.6
5.56
ns
Delay Range in Block: Programmable Delay 22,3
0.025
5.56
ns
Delay Range in Block: Fixed Delay2,3
2.2
ns
CCC Output Peak-to-Peak Period Jitter FCCC_OUT 6,7
Maximum Peak-to-Peak Period Jitter
SSO
 2
SSO
 4
SSO
 8
SSO
 16
FG/CS PQ FG/CS PQ
FG/CS
PQ FG/CS
PQ
0.75 MHz to 50 MHz
0.5% 1.6% 0.9% 1.6%
0.9%
1.6% 0.9%
1.8%
50 MHz to 250 MHz
1.75% 3.5% 9.3% 9.3%
9.3% 17.9% 10.0% 17.9%
250 MHz to 350 MHz
2.5% 5.2% 13.0% 13.0% 13.0% 25.0% 14.0% 25.0%
Notes:
1. One of the CCC outputs (GLA0) is used as an MSS clock and is limited to 100 MHz (maximum) by software. Details
regarding CCC/PLL are in the "PLLs, Clock Conditioning Circuitry, and On-Chip Crystal Oscillators" chapter of the
SmartFusion Microcontroller Subsystem User's Guide.
2. This delay is a function of voltage and temperature. See Table 2-7 on page 2-9 for deratings.
3. TJ = 25°C, VCC = 1.5 V
4. When the CCC/PLL core is generated by Microsemi core generator software, not all delay values of the specified delay
increments are available. Refer to the Libero SoC Online Help associated with the core for more information.
5. Tracking jitter is defined as the variation in clock edge position of PLL outputs with reference to the PLL input clock edge.
Tracking jitter does not measure the variation in PLL output period, which is covered by the period jitter parameter.
6. Measurement done with LVTTL 3.3 V 12 mA I/O drive strength and High slew rate. VCC/VCCPLL = 1.425 V,
VCCI = 3.3V, 20 pF output load. All I/Os are placed outside of the PLL bank.
7. SSOs are outputs that are synchronous to a single clock domain and have their clock-to-out within ± 200 ps of each other.
8. VCO output jitter is calculated as a percentage of the VCO frequency. The jitter (in ps) can be calculated by multiplying
the VCO period by the % jitter. The VCO jitter (in ps) applies to CCC_OUT regardless of the output divider settings. For
example, if the jitter on VCO is 300 ps, the jitter on CCC_OUT is also 300 ps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com