công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 53 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 53 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 49Page - Microsemi Corporation A2F200 Datasheet HTML 50Page - Microsemi Corporation A2F200 Datasheet HTML 51Page - Microsemi Corporation A2F200 Datasheet HTML 52Page - Microsemi Corporation A2F200 Datasheet HTML 53Page - Microsemi Corporation A2F200 Datasheet HTML 54Page - Microsemi Corporation A2F200 Datasheet HTML 55Page - Microsemi Corporation A2F200 Datasheet HTML 56Page - Microsemi Corporation A2F200 Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-41
Timing Characteristics
Table 2-63 • LVDS Minimum and Maximum DC Input and Output Levels
DC Parameter
Description
Min.
Typ.
Max.
Units
VCCFPGAIOBx
Supply voltage
2.375
2.5
2.625
V
VOL
Output low voltage
0.9
1.075
1.25
V
VOH
Output high voltage
1.25
1.425
1.6
V
IOL1
Output lower current
0.65
0.91
1.16
mA
IOH1
Output high current
0.65
0.91
1.16
mA
VI
Input voltage
0
2.925
V
IIH2
Input high leakage current
15
µA
IIL2
Input low leakage current
15
µA
VODIFF
Differential output voltage
250
350
450
mV
VOCM
Output common mode voltage
1.125
1.25
1.375
V
VICM
Input common mode voltage
0.05
1.25
2.35
V
VIDIFF
Input differential voltage
100
350
mV
Notes:
1. IOL/IOH defined by VODIFF/(resistor network).
2. Currents are measured at 85°C junction temperature.
Table 2-64 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ.) (V)
1.075
1.325
Cross point
–
* Measuring point = Vtrip. See Table 2-22 on page 2-24 for a complete table of trip points.
Table 2-65 • LVDS
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCFPGAIOBx = 2.3 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
0.60
1.83
0.04
1.87
ns
–1
0.50
1.53
0.03
1.55
ns
Notes:
1.
For the derating values at specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for
derating values.
2. The above mentioned timing parameters correspond to 24mA drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com