công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 36 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 36 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 32Page - Microsemi Corporation A2F200 Datasheet HTML 33Page - Microsemi Corporation A2F200 Datasheet HTML 34Page - Microsemi Corporation A2F200 Datasheet HTML 35Page - Microsemi Corporation A2F200 Datasheet HTML 36Page - Microsemi Corporation A2F200 Datasheet HTML 37Page - Microsemi Corporation A2F200 Datasheet HTML 38Page - Microsemi Corporation A2F200 Datasheet HTML 39Page - Microsemi Corporation A2F200 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
SmartFusion DC and Switching Characteristics
2-24
Revision 10
Summary of I/O Timing Characteristics – Default I/O Software
Settings
Table 2-21 • Summary of Maximum and Minimum DC Input Levels
Applicable to Commercial Conditions in all I/O Bank Types
DC I/O Standards
Commercial
IIL
IIH
µA
µA
3.3 V LVTTL / 3.3 V LVCMOS
15
15
2.5 V LVCMOS
15
15
1.8 V LVCMOS
15
15
1.5 V LVCMOS
15
15
3.3 V PCI
15
15
3.3 V PCI-X
15
15
Table 2-22 • Summary of AC Measuring Points Applicable to All I/O Bank Types
Standard
Measuring Trip Point (Vtrip)
3.3 V LVTTL / 3.3 V LVCMOS
1.4 V
2.5 V LVCMOS
1.2 V
1.8 V LVCMOS
0.90 V
1.5 V LVCMOS
0.75 V
3.3 V PCI
0.285 * VCCxxxxIOBx (RR)
0.615 * VCCxxxxIOBx (FF)
3.3 V PCI-X
0.285 * VCCxxxxIOBx (RR)
0.615 * VCCxxxxIOBx (FF)
LVDS
Cross point
LVPECL
Cross point
Table 2-23 • I/O AC Parameter Definitions
Parameter
Parameter Definition
tDP
Data to pad delay through the output buffer
tPY
Pad to data delay through the input buffer
tDOUT
Data to output buffer delay through the I/O interface
tEOUT
Enable to output buffer tristate control delay through the I/O interface
tDIN
Input buffer to data delay through the I/O interface
tHZ
Enable to pad delay through the output buffer—High to Z
tZH
Enable to pad delay through the output buffer—Z to High
tLZ
Enable to pad delay through the output buffer—Low to Z
tZL
Enable to pad delay through the output buffer—Z to Low
tZHS
Enable to pad delay through the output buffer with delayed enable—Z to High
tZLS
Enable to pad delay through the output buffer with delayed enable—Z to Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com