công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 60 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 60 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 56Page - Microsemi Corporation A2F200 Datasheet HTML 57Page - Microsemi Corporation A2F200 Datasheet HTML 58Page - Microsemi Corporation A2F200 Datasheet HTML 59Page - Microsemi Corporation A2F200 Datasheet HTML 60Page - Microsemi Corporation A2F200 Datasheet HTML 61Page - Microsemi Corporation A2F200 Datasheet HTML 62Page - Microsemi Corporation A2F200 Datasheet HTML 63Page - Microsemi Corporation A2F200 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
SmartFusion DC and Switching Characteristics
2-48
Revision 10
Input Register
Timing Characteristics
Figure 2-16 • Input Register Timing Diagram
50%
Preset
Clear
Out_1
CLK
Data
Enable
t
ISUE
50%
50%
t
ISUD
t
IHD
50%
50%
t
ICLKQ
1
0
t
IHE
t
IRECPRE
t
IREMPRE
t
IRECCLR
t
IREMCLR
t
IWCLR
t
IWPRE
t
IPRE2Q
t
ICLR2Q
t
ICKMPWH tICKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-71 • Input Data Register Propagation Delays
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std. Units
tICLKQ
Clock-to-Q of the Input Data Register
0.24 0.29
ns
tISUD
Data Setup Time for the Input Data Register
0.27 0.32
ns
tIHD
Data Hold Time for the Input Data Register
0.00 0.00
ns
tISUE
Enable Setup Time for the Input Data Register
0.38 0.45
ns
tIHE
Enable Hold Time for the Input Data Register
0.00 0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.46 0.55
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.46 0.55
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00 0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.23 0.27
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00 0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.23 0.27
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.22 0.22
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.22 0.22
ns
tICKMPWH
Clock Minimum Pulse Width High for the Input Data Register
0.36 0.36
ns
tICKMPWL
Clock Minimum Pulse Width Low for the Input Data Register
0.32 0.32
ns
Note: For the derating values at specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9
for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com