công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 37 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 37 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 33Page - Microsemi Corporation A2F200 Datasheet HTML 34Page - Microsemi Corporation A2F200 Datasheet HTML 35Page - Microsemi Corporation A2F200 Datasheet HTML 36Page - Microsemi Corporation A2F200 Datasheet HTML 37Page - Microsemi Corporation A2F200 Datasheet HTML 38Page - Microsemi Corporation A2F200 Datasheet HTML 39Page - Microsemi Corporation A2F200 Datasheet HTML 40Page - Microsemi Corporation A2F200 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-25
Table 2-24 • Summary of I/O Timing Characteristics—Software Default Settings
–1 Speed Grade, Worst Commercial-Case Conditions: TJ = 85°C, Worst Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx (per standard)
Applicable to FPGA I/O Banks, Assigned to EMC I/O Pins
I/O Standard
3.3VLVTTL/
3.3 V LVCMOS
12 mA
High
35
–
0.50 2.81 0.03 0.81 0.32 2.86 2.23 2.55 2.82 4.58 3.94 ns
2.5 V LVCMOS
12 mA
High
35
–
0.50 2.73 0.03 1.03 0.32 2.88 2.69 2.62 2.70 4.60 4.41 ns
1.8 V LVCMOS
12 mA
High
35
–
0.50 2.81 0.03 0.95 0.32 2.87 2.38 2.92 3.18 4.58 4.10 ns
1.5 V LVCMOS
12 mA
High
35
–
0.50 3.24 0.03 1.12 0.32 3.30 2.79 3.10 3.27 5.02 4.50 ns
3.3 V PCI
Per PCI spec High
10
251 0.50 2.11 0.03 0.68 0.32 2.15 1.57 2.55 2.82 3.87 3.28 ns
3.3 V PCI-X
Per PCI-X
spec
High
10
251 0.50 2.11 0.03 0.64 0.32 2.15 1.57 2.55 2.82 3.87 3.28 ns
LVDS
24 mA
High
–
–
0.50 1.53 0.03 1.55
–
–
–
–
–
–
–
ns
LVPECL
24 mA
High
–
–
0.50 1.46 0.03 1.46
–
–
–
–
–
–
–
ns
Notes:
1. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-10 on page 2-39 for
connectivity. This resistor is not required during normal operation.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings
–1 Speed Grade, Worst Commercial-Case Conditions: TJ = 85°C, Worst Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx (per standard)
Applicable to MSS I/O Banks
I/O Standard
3.3 V LVTTL /
3.3 V LVCMOS
8 mA
High
10
–
0.18 1.92 0.07 0.78 1.09 0.18 1.96 1.55 1.83 2.04 ns
2.5 V LVCMOS
8 mA
High
10
–
0.18 1.96 0.07 0.99 1.16 0.18 2.00 1.82 1.82 1.93 ns
1.8 V LVCMOS
4 mA
High
10
–
0.18 2.31 0.07 0.91 1.37 0.18 2.35 2.27 1.84 1.87 ns
1.5 V LVCMOS
2 mA
High
10
–
0.18 2.70 0.07 1.07 1.55 0.18 2.75 2.67 1.87 1.85 ns
Notes:
1. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-10 on page 2-39 for
connectivity. This resistor is not required during normal operation.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com