công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 72 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 72 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 68Page - Microsemi Corporation A2F200 Datasheet HTML 69Page - Microsemi Corporation A2F200 Datasheet HTML 70Page - Microsemi Corporation A2F200 Datasheet HTML 71Page - Microsemi Corporation A2F200 Datasheet HTML 72Page - Microsemi Corporation A2F200 Datasheet HTML 73Page - Microsemi Corporation A2F200 Datasheet HTML 74Page - Microsemi Corporation A2F200 Datasheet HTML 75Page - Microsemi Corporation A2F200 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 192 page
background image
SmartFusion DC and Switching Characteristics
2-60
Revision 10
Timing Characteristics
Table 2-80 • A2F500 Global Resource
Worst Commercial-Case Conditions: TJ = 85°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
Min.1
Max.2
Min.1
Max.2
tRCKL
Input Low Delay for Global Clock
1.54
1.73
1.84
2.08
ns
tRCKH
Input High Delay for Global Clock
1.53
1.76
1.84
2.12
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
1.00
ns
tRCKSW
Maximum Skew for Global Clock
0.23
0.28
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage-supply levels, refer to Table 2-7 on page 2-9 for derating
values.
Table 2-81 • A2F200 Global Resource
Worst Commercial-Case Conditions: TJ = 85°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
Min.1
Max.2
Min.1
Max.2
tRCKL
Input Low Delay for Global Clock
0.74
0.99
0.88
1.19
ns
tRCKH
Input High Delay for Global Clock
0.76
1.05
0.91
1.26
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
1.00
ns
tRCKSW
Maximum Skew for Global Clock
0.29
0.35
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage-supply levels, refer to Table 2-7 on page 2-9 for derating
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com