công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 30 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 30 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 26Page - Microsemi Corporation A2F200 Datasheet HTML 27Page - Microsemi Corporation A2F200 Datasheet HTML 28Page - Microsemi Corporation A2F200 Datasheet HTML 29Page - Microsemi Corporation A2F200 Datasheet HTML 30Page - Microsemi Corporation A2F200 Datasheet HTML 31Page - Microsemi Corporation A2F200 Datasheet HTML 32Page - Microsemi Corporation A2F200 Datasheet HTML 33Page - Microsemi Corporation A2F200 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
SmartFusion DC and Switching Characteristics
2-18
Revision 10
Microcontroller Subsystem Dynamic Contribution—PMSS
SoC Mode
PMSS = PAC22
Guidelines
Toggle Rate Definition
A toggle rate defines the frequency of a net or logic element relative to a clock. It is a percentage. If the
toggle rate of a net is 100%, this means that the net switches at half the clock frequency. Below are some
examples:
•
The average toggle rate of a shift register is 100%, as all flip-flop outputs toggle at half of the clock
frequency.
•
The average toggle rate of an 8-bit counter is 25%:
– Bit 0 (LSB) = 100%
– Bit 1 = 50%
– Bit 2 = 25%
–…
– Bit 7 (MSB) = 0.78125%
– Average toggle rate = (100% + 50% + 25% + 12.5% + . . . 0.78125%) / 8.
Enable Rate Definition
Output enable rate is the average percentage of time during which tristate outputs are enabled. When
non-tristate output buffers are used, the enable rate should be 100%.
Table 2-17 • Toggle Rate Guidelines Recommended for Power Calculation
Component
Definition
Guideline
1
Toggle rate of VersaTile outputs
10%
2
I/O buffer toggle rate
10%
Table 2-18 • Enable Rate Guidelines Recommended for Power Calculation
Component
Definition
Guideline
1
I/O output buffer enable rate
Toggle rate of the logic driving the
output buffer
2
FPGA fabric SRAM enable rate for read
operations
12.5%
3
FPGA fabric SRAM enable rate for write
operations
12.5%
4
eNVM enable rate for read operations
< 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com