công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 45 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 45 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 41Page - Microsemi Corporation A2F200 Datasheet HTML 42Page - Microsemi Corporation A2F200 Datasheet HTML 43Page - Microsemi Corporation A2F200 Datasheet HTML 44Page - Microsemi Corporation A2F200 Datasheet HTML 45Page - Microsemi Corporation A2F200 Datasheet HTML 46Page - Microsemi Corporation A2F200 Datasheet HTML 47Page - Microsemi Corporation A2F200 Datasheet HTML 48Page - Microsemi Corporation A2F200 Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-33
Timing Characteristics
Table 2-44 • 2.5 V LVCMOS High Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 2.3 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.55
8.10
0.04
1.23
0.39
7.37
8.10
2.54
2.17
9.43
10.15
ns
–1
0.46
6.75
0.03
1.03
0.32
6.14
6.75
2.12
1.81
7.85
8.46
ns
8 mA
Std.
0.55
4.85
0.04
1.23
0.39
4.76
4.85
2.90
2.83
6.82
6.91
ns
–1
0.46
4.04
0.03
1.03
0.32
3.97
4.04
2.42
2.36
5.68
5.76
ns
12 mA
Std.
0.60
3.28
0.04
1.23
0.39
3.46
3.23
3.15
3.24
5.52
5.29
ns
–1
0.50
2.73
0.03
1.03
0.32
2.88
2.69
2.62
2.70
4.60
4.41
ns
16 mA
Std.
0.60
3.09
0.04
1.23
0.39
3.27
2.88
3.20
3.35
5.33
4.94
ns
–1
0.50
2.57
0.03
1.03
0.32
2.72
2.40
2.67
2.79
4.44
4.12
ns
24 mA
Std.
0.60
2.95
0.04
1.23
0.39
3.01
2.31
3.27
3.76
5.07
4.37
ns
–1
0.50
2.46
0.03
1.03
0.32
2.51
1.93
2.73
3.13
4.22
3.64
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-45 • 2.5 V LVCMOS Low Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 2.3 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.55
10.50
0.04
1.23
0.39
10.69
10.50
2.54
2.07
12.75
12.56
ns
–1
0.46
8.75
0.03
1.03
0.32
8.91
8.75
2.12
1.73
10.62
10.47
ns
8 mA
Std.
0.55
7.61
0.04
1.23
0.39
7.46
7.19
2.81
2.66
9.52
9.25
ns
–1
0.46
6.34
0.03
1.03
0.32
6.22
5.99
2.34
2.22
7.93
7.71
ns
12 mA
Std.
0.60
5.92
0.04
1.23
0.39
5.79
5.45
3.04
3.06
7.85
7.51
ns
–1
0.50
4.93
0.03
1.03
0.32
4.83
4.54
2.53
2.55
6.54
6.26
ns
16 mA
Std.
0.60
5.53
0.04
1.23
0.39
5.40
5.09
3.09
3.16
7.46
7.14
ns
–1
0.50
4.61
0.03
1.03
0.32
4.50
4.24
2.58
2.64
6.22
5.95
ns
24 mA
Std.
0.60
5.18
0.04
1.23
0.39
5.28
5.14
3.27
3.64
7.34
7.20
ns
–1
0.50
4.32
0.03
1.03
0.32
4.40
4.29
2.72
3.03
6.11
6.00
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-46 • 2.5 V LVCMOS High Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 3.0 V
Applicable to MSS I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
8 mA
Std.
0.22
2.35
0.09
1.18
1.39
0.22
2.40
2.18
2.19
2.32
ns
–1
0.18
1.96
0.07
0.99
1.16
0.18
2.00
1.82
1.82
1.93
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com