công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 73 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 73 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 69Page - Microsemi Corporation A2F200 Datasheet HTML 70Page - Microsemi Corporation A2F200 Datasheet HTML 71Page - Microsemi Corporation A2F200 Datasheet HTML 72Page - Microsemi Corporation A2F200 Datasheet HTML 73Page - Microsemi Corporation A2F200 Datasheet HTML 74Page - Microsemi Corporation A2F200 Datasheet HTML 75Page - Microsemi Corporation A2F200 Datasheet HTML 76Page - Microsemi Corporation A2F200 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-61
RC Oscillator
The table below describes the electrical characteristics of the RC oscillator.
RC Oscillator Characteristics
Table 2-82 • A2F060 Global Resource
Worst Commercial-Case Conditions: TJ = 85°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
Min.1
Max.2
Min.1
Max.2
tRCKL
Input Low Delay for Global Clock
0.75
0.96
0.90
1.15
ns
tRCKH
Input High Delay for Global Clock
0.72
0.98
0.86
1.17
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
0.85
1.00
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
1.00
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.31
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage-supply levels, refer to Table 2-7 on page 2-9 for derating
values.
Table 2-83 • Electrical Characteristics of the RC Oscillator
Parameter
Description
Condition
Min. Typ. Max. Units
FRC
Operating
frequency
100
MHz
Accuracy
Temperature: –40°C to 100°C
Voltage: 3.3 V ± 5%
1
%
Output jitter
Period jitter (at 5 K cycles)
100
ps RMS
Cycle-to-cycle jitter (at 5 K cycles)
100
ps RMS
Period jitter (at 5 K cycles) with 1 KHz / 300
mV peak-to-peak noise on power supply
150
ps RMS
Cycle-to-cycle jitter (at 5 K cycles) with 1 KHz
/ 300 mV peak-to-peak noise on power
supply
150
ps RMS
Output duty cycle
50
%
IDYNRC Operating current 3.3 V domain
1
mA
1.5 V domain
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com