| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F0113 bảng dữ liệu(PDF) 31 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F0113 bảng dữ liệu(HTML) 31 Page - Zilog, Inc. |
|
31 / 245 page ![]() PS024315-1011 P R E L I M I N A R Y Register Map Z8 Encore! XP® F0823 Series Product Specification 16 Register Map Table 8 lists an address map of the Z8 Encore! XP F0823 Series Register File. Not all devices and package styles in the Z8 Encore! XP F0823 Series support the ADC, nor all GPIO ports. Consider registers for unimplemented peripherals to be reserved. Table 8. Register File Address Map Address (Hex) Register Description Mnemonic Reset (Hex) Page No. General-Purpose RAM Z8F0823/Z8F0813 Devices 000–3FF General-Purpose Register File RAM — XX 400–EFF Reserved — XX Z8F0423/Z8F0413 Devices 000–3FF General-Purpose Register File RAM — XX 400–EFF Reserved — XX Z8F0223/Z8F0213 Devices 000–1FF General-Purpose Register File RAM — XX 200–EFF Reserved — XX Z8F0123/Z8F0113 Devices 000–0FF General-Purpose Register File RAM — XX 100–EFF Reserved — XX Timer 0 F00 Timer 0 High Byte T0H 00 84 F01 Timer 0 Low Byte T0L 01 84 F02 Timer 0 Reload High Byte T0RH FF 85 F03 Timer 0 Reload Low Byte T0RL FF 85 F04 Timer 0 PWM High Byte T0PWMH 00 86 F05 Timer 0 PWM Low Byte T0PWML 00 86 F06 Timer 0 Control 0 T0CTL0 00 87 F07 Timer 0 Control 1 T0CTL1 00 88 Timer 1 F08 Timer 1 High Byte T1H 00 84 F09 Timer 1 Low Byte T1L 01 84 Note: XX=Undefined. |