công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F0113 bảng dữ liệu(PDF) 95 Page - Zilog, Inc.

tên linh kiện Z8F0113
Giải thích chi tiết về linh kiện  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 bảng dữ liệu(HTML) 95 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 91Page - Zilog, Inc. Z8F0113 Datasheet HTML 92Page - Zilog, Inc. Z8F0113 Datasheet HTML 93Page - Zilog, Inc. Z8F0113 Datasheet HTML 94Page - Zilog, Inc. Z8F0113 Datasheet HTML 95Page - Zilog, Inc. Z8F0113 Datasheet HTML 96Page - Zilog, Inc. Z8F0113 Datasheet HTML 97Page - Zilog, Inc. Z8F0113 Datasheet HTML 98Page - Zilog, Inc. Z8F0113 Datasheet HTML 99Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Operation
Z8 Encore! XP® F0823 Series
Product Specification
80
4. Clear the Timer PWM High and Low Byte registers to 0000H. Clearing these registers
allows the software to determine if interrupts were generated by either a capture or a
reload event. If the PWM High and Low Byte registers still contain 0000H after the
interrupt, the interrupt was generated by a reload.
5. Enable the timer interrupt, if appropriate, and set the timer interrupt priority by writing
to the relevant interrupt registers. By default, the timer interrupt is generated for both
input capture and reload events. If appropriate, configure the timer interrupt to be gen-
erated only at the input capture event or the reload event by setting TICONFIG field
of the TxCTL1 Register.
6. Configure the associated GPIO port pin for the Timer Input alternate function.
7. Write to the Timer Control Register to enable the timer and initiate counting.
In CAPTURE Mode, the elapsed time from timer start to capture event can be calculated
using the following equation:
COMPARE Mode
In COMPARE Mode, the timer counts up to the 16-bit maximum compare value stored in
the Timer Reload High and Low Byte registers. The timer input is the system clock. Upon
reaching the compare value, the timer generates an interrupt and counting continues (the
timer value is not reset to 0001H). Also, if the Timer Output alternate function is enabled,
the Timer Output pin changes state (from Low to High or from High to Low) upon com-
pare.
If the Timer reaches FFFFH, the timer rolls over to 0000H and continue counting. Observe
the following steps to configure a timer for COMPARE Mode and to initiate the count:
1. Write to the Timer Control Register to:
–
Disable the timer
–
Configure the timer for COMPARE Mode
–
Set the prescale value
–
Set the initial logic level (High or Low) for the Timer Output alternate function, if
appropriate
2. Write to the Timer High and Low Byte registers to set the starting count value.
3. Write to the Timer Reload High and Low Byte registers to set the compare value.
4. Enable the timer interrupt, if appropriate, and set the timer interrupt priority by writing
to the relevant interrupt registers.
Capture Elapsed Time (s)
Capture Value
Start Value
–
 Prescale
System Clock Frequency (Hz)
--------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com