công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F0113 bảng dữ liệu(PDF) 74 Page - Zilog, Inc.

tên linh kiện Z8F0113
Giải thích chi tiết về linh kiện  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 bảng dữ liệu(HTML) 74 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 70Page - Zilog, Inc. Z8F0113 Datasheet HTML 71Page - Zilog, Inc. Z8F0113 Datasheet HTML 72Page - Zilog, Inc. Z8F0113 Datasheet HTML 73Page - Zilog, Inc. Z8F0113 Datasheet HTML 74Page - Zilog, Inc. Z8F0113 Datasheet HTML 75Page - Zilog, Inc. Z8F0113 Datasheet HTML 76Page - Zilog, Inc. Z8F0113 Datasheet HTML 77Page - Zilog, Inc. Z8F0113 Datasheet HTML 78Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Interrupt Control Register Definitions
Z8 Encore! XP® F0823 Series
Product Specification
59
To avoid retriggerings of the Watchdog Timer interrupt after exiting the associated inter-
rupt service routine, Zilog recommends that the service routine continues to read from
the RSTSTAT register until the WDT bit is cleared as shown in the following example.
CLEARWDT:
LDX r0, RSTSTAT ; read reset status register to clear wdt bit
BTJNZ 5, r0, CLEARWDT
; loop until bit is cleared
Interrupt Control Register Definitions
For all interrupts other than the Watchdog Timer interrupt, the Primary Oscillator Fail
Trap, and the Watchdog Timer Oscillator Fail Trap, the interrupt control registers enable
individual interrupts, set interrupt priorities, and indicate interrupt requests.
Interrupt Request 0 Register
The Interrupt Request 0 (IRQ0) register (Table 36) stores the interrupt requests for both
vectored and polled interrupts. When a request is presented to the interrupt controller, the
corresponding bit in the IRQ0 register becomes 1. If interrupts are globally enabled (vec-
tored interrupts), the interrupt controller passes an interrupt request to the eZ8 CPU. If
interrupts are globally disabled (polled interrupts), the eZ8 CPU reads the Interrupt
Request 0 register to determine if any interrupt requests are pending.
Table 36. Interrupt Request 0 Register (IRQ0)
Bit
7
6
5
4
3
2
1
0
Field
Reserved
T1I
T0I
U0RXI
U0TXI
Reserved
ADCI
RESET
00000
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
FC0H
Bit
Description
[7]
Reserved
This bit is reserved and must be programmed to 0.
[6]
T1I
Timer 1 Interrupt Request
0 = No interrupt request is pending for Timer 1.
1 = An interrupt request from Timer 1 is awaiting service.
[5]
T0I
Timer 0 Interrupt Request
0 = No interrupt request is pending for Timer 0.
1 = An interrupt request from Timer 0 is awaiting service.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com