công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F0113 bảng dữ liệu(PDF) 85 Page - Zilog, Inc.

tên linh kiện Z8F0113
Giải thích chi tiết về linh kiện  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 bảng dữ liệu(HTML) 85 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 81Page - Zilog, Inc. Z8F0113 Datasheet HTML 82Page - Zilog, Inc. Z8F0113 Datasheet HTML 83Page - Zilog, Inc. Z8F0113 Datasheet HTML 84Page - Zilog, Inc. Z8F0113 Datasheet HTML 85Page - Zilog, Inc. Z8F0113 Datasheet HTML 86Page - Zilog, Inc. Z8F0113 Datasheet HTML 87Page - Zilog, Inc. Z8F0113 Datasheet HTML 88Page - Zilog, Inc. Z8F0113 Datasheet HTML 89Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Architecture
Z8 Encore! XP® F0823 Series
Product Specification
70
Architecture
Figure 9 displays the architecture of the timers.
Operation
The timers are 16-bit up-counters. Minimum time-out delay is set by loading the value
0001H
into the Timer Reload High and Low Byte registers and setting the prescale value
to 1. Maximum time-out delay is set by loading the value 0000H into the Timer Reload
High and Low Byte registers and setting the prescale value to 128. If the Timer reaches
FFFFH
, the timer rolls over to 0000H and continues counting.
Timer Operating Modes
The timers can be configured to operate in the following modes:
ONE-SHOT Mode
In ONE-SHOT Mode, the timer counts up to the 16-bit reload value stored in the Timer
Reload High and Low Byte registers. The timer input is the system clock. Upon reaching
the reload value, the timer generates an interrupt and the count value in the Timer High
and Low Byte registers is reset to 0001H. The timer is automatically disabled and stops
counting.
Figure 9. Timer Block Diagram
16-Bit
PWM/Compare
16-Bit Counter
with Prescaler
16-Bit
Reload Register
Timer
Control
Interrupt,
PWM,
and
Timer Output
Control
Timer
Timer Block
System
Timer
Data
Block
Output
Control
Bus
Clock
Input
Gate
Input
Capture
Input
Timer
Interrupt
Timer
Output
Complement
Timer
Output
Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com