công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F0113 bảng dữ liệu(PDF) 89 Page - Zilog, Inc.

tên linh kiện Z8F0113
Giải thích chi tiết về linh kiện  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 bảng dữ liệu(HTML) 89 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 85Page - Zilog, Inc. Z8F0113 Datasheet HTML 86Page - Zilog, Inc. Z8F0113 Datasheet HTML 87Page - Zilog, Inc. Z8F0113 Datasheet HTML 88Page - Zilog, Inc. Z8F0113 Datasheet HTML 89Page - Zilog, Inc. Z8F0113 Datasheet HTML 90Page - Zilog, Inc. Z8F0113 Datasheet HTML 91Page - Zilog, Inc. Z8F0113 Datasheet HTML 92Page - Zilog, Inc. Z8F0113 Datasheet HTML 93Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Operation
Z8 Encore! XP® F0823 Series
Product Specification
74
The frequency of the comparator output signal must not exceed one-fourth the system
clock frequency.
After reaching the reload value stored in the Timer Reload High and Low Byte registers,
the timer generates an interrupt, the count value in the Timer High and Low Byte registers
is reset to 0001H and counting resumes. Also, if the Timer Output alternate function is
enabled, the Timer Output pin changes state (from Low to High or from High to Low) at
timer reload.
Observe the following steps to configure a timer for COMPARATOR COUNTER Mode
and initiating the count:
1. Write to the Timer Control Register to:
–
Disable the timer.
–
Configure the timer for COMPARATOR COUNTER Mode.
–
Select either the rising edge or falling edge of the comparator output signal for the
count. This also sets the initial logic level (High or Low) for the Timer Output
alternate function. However, the Timer Output function is not required to be
enabled.
2. Write to the Timer High and Low Byte registers to set the starting count value. This
action only affects the first pass in COMPARATOR COUNTER Mode. After the first
timer reload in COMPARATOR COUNTER Mode, counting always begins at the
reset value of 0001H. Generally, in COMPARATOR COUNTER Mode the Timer
High and Low Byte registers must be written with the value 0001H.
3. Write to the Timer Reload High and Low Byte registers to set the reload value.
4. If appropriate, enable the timer interrupt and set the timer interrupt priority by writing
to the relevant interrupt registers.
5. If using the Timer Output function, configure the associated GPIO port pin for the
Timer Output alternate function.
6. Write to the Timer Control Register to enable the timer.
In COMPARATOR COUNTER Mode, the number of comparator output transitions since
the timer start is computed via the following equation:
Caution:
Comparator Output Transitions
Current Count Value
Start Value
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com