công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F0113 bảng dữ liệu(PDF) 73 Page - Zilog, Inc.

tên linh kiện Z8F0113
Giải thích chi tiết về linh kiện  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 bảng dữ liệu(HTML) 73 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 69Page - Zilog, Inc. Z8F0113 Datasheet HTML 70Page - Zilog, Inc. Z8F0113 Datasheet HTML 71Page - Zilog, Inc. Z8F0113 Datasheet HTML 72Page - Zilog, Inc. Z8F0113 Datasheet HTML 73Page - Zilog, Inc. Z8F0113 Datasheet HTML 74Page - Zilog, Inc. Z8F0113 Datasheet HTML 75Page - Zilog, Inc. Z8F0113 Datasheet HTML 76Page - Zilog, Inc. Z8F0113 Datasheet HTML 77Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Operation
Z8 Encore! XP® F0823 Series
Product Specification
58
Example 1.
A poor coding style that can result in lost interrupt requests:
LDX r0, IRQ0
AND r0, MASK
LDX IRQ0, r0
To avoid missing interrupts, use the coding style in Example 2 to clear bits in the Interrupt
Request 0 Register:
Example 2.
A good coding style that avoids lost interrupt requests:
ANDX IRQ0, MASK
Software Interrupt Assertion
Program code generates interrupts directly. Writing a 1 to the correct bit in the Interrupt
Request register triggers an interrupt (assuming that interrupt is enabled). When the inter-
rupt request is acknowledged by the eZ8 CPU, the bit in the Interrupt Request register is
automatically cleared to 0.
Zilog recommends not using a coding style to generate software interrupts by setting bits
in the Interrupt Request registers. All incoming interrupts received between execution of
the first LDX command and the final LDX command are lost. See Example 3, which fol-
lows.
Example 3.
A poor coding style that can result in lost interrupt requests:
LDX r0, IRQ0
OR r0, MASK
LDX IRQ0, r0
To avoid missing interrupts, use the coding style in Example 4 to set bits in the Interrupt
Request registers:
Example 4.
A good coding style that avoids lost interrupt requests:
ORX IRQ0, MASK
Watchdog Timer Interrupt Assertion
The Watchdog Timer interrupt behavior is different from interrupts generated by other
sources. The Watchdog Timer continues to assert an interrupt as long as the timeout condi-
tion continues. As it operates on a different (and usually slower) clock domain than the
rest of the device, the Watchdog Timer continues to assert this interrupt for many system
clocks until the counter rolls over.
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com