công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F101X8 bảng dữ liệu(PDF) 43 Page - STMicroelectronics

tên linh kiện STM32F101X8
Giải thích chi tiết về linh kiện  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 bảng dữ liệu(HTML) 43 Page - STMicroelectronics

Back Button STM32F101X8_10 Datasheet HTML 39Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 40Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 41Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 42Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 43Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 44Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 45Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 46Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
STM32F101x8, STM32F101xB
Electrical characteristics
Doc ID 13586 Rev 13
43/85
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 18. The MCU is placed
under the following conditions:
●
all I/O pins are in input mode with a static value at VDD or VSS (no load)
●
all peripherals are disabled unless otherwise mentioned
●
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
●
ambient operating temperature and VDD supply voltage conditions summarized in
Table 5.
5.3.6
External clock source characteristics
High-speed external user clock generated from an external source
The characteristics given in Table 19 result from tests performed using an high-speed
external clock source, and under the ambient temperature and supply voltage conditions
summarized in Table 8.
Table 18.
Peripheral current consumption
Peripheral
Typical consumption at 25 °C(1)
1.
fHCLK = 36 MHz, fAPB1 = fHCLK/2, fAPB2 = fHCLK, default prescaler value for each peripheral.
Unit
APB1
TIM2
0.6
mA
TIM3
0.6
TIM4
0.6
SPI2
0.08
USART2
0.21
USART3
0.21
I2C1
0.18
I2C2
0.18
APB2
GPIO A
0.21
GPIO B
0.21
GPIO C
0.21
GPIO D
0.21
GPIO E
0.21
ADC1(2)
2.
Specific conditions for ADC: fHCLK = 28 MHz, fAPB1 = fHCLK/2, fAPB2 = fHCLK, fADCCLK = fAPB2/2, ADON bit
in the ADC_CR2 register is set to 1.
1.4
SPI1
0.24
USART1
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com