công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F101X8 bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện STM32F101X8
Giải thích chi tiết về linh kiện  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button STM32F101X8_10 Datasheet HTML 27Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 28Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 29Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 30Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 31Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 32Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 33Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 34Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
STM32F101x8, STM32F101xB
Electrical characteristics
Doc ID 13586 Rev 13
31/85
5.1.7
Current consumption measurement
Figure 12.
Current consumption measurement scheme
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 5: Voltage characteristics,
Table 6: Current characteristics, and Table 7: Thermal characteristics may cause permanent
damage to the device. These are stress ratings only and functional operation of the device
at these conditions is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ai14126
VBAT
VDD
VDDA
IDD_VBAT
IDD
Table 5.
Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD VSS
External main supply voltage (including
VDDA and VDD)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
–0.3
4.0
V
VIN
Input voltage on five volt tolerant pin(2)
2.
IINJ(PIN) must never be exceeded (see Table 6: Current characteristics). This is implicitly insured if VIN
maximum is respected. If VIN maximum cannot be respected, the injection current must be limited
externally to the IINJ(PIN) value. A positive injection is induced by VIN> VINmax while a negative injection is
induced by VIN<VSS.
VSS  0.3
+5.5
Input voltage on any other pin(2)
VSS 0.3
VDD+0.3
|
V
DDx|
Variations between different VDD power pins
50
mV
|VSSX VSS|
Variations between all the different ground
pins
50
VESD(HBM)
Electrostatic discharge voltage (human body
model)
see Section 5.3.11: Absolute
maximum ratings (electrical
sensitivity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com