công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F101X8 bảng dữ liệu(PDF) 56 Page - STMicroelectronics

tên linh kiện STM32F101X8
Giải thích chi tiết về linh kiện  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 bảng dữ liệu(HTML) 56 Page - STMicroelectronics

Back Button STM32F101X8_10 Datasheet HTML 52Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 53Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 54Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 55Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 56Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 57Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 58Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 59Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
Electrical characteristics
STM32F101x8, STM32F101xB
56/85
Doc ID 13586 Rev 13
Output voltage levels
Unless otherwise specified, the parameters given in Table 34 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 8. All I/Os are CMOS and TTL compliant.
Table 34.
Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 6
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output Low level voltage for an I/O pin
when 8 pins are sunk at the same time
TTL port,
IIO = +8 mA,
2.7 V < VDD < 3.6 V
0.4
V
VOH
(2)
2.
The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 6 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output High level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–0.4
VOL
(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
CMOS port
IIO = +8 mA
2.7 V < VDD < 3.6 V
0.4
V
VOH
(2)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
2.4
VOL
(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
IIO = +20 mA
(3)
2.7 V < VDD < 3.6 V
3.
Based on characterization data, not tested in production.
1.3
V
VOH
(2)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–1.3
VOL
(1)
Output low level voltage for an I/O pin
when 8 pins are sunk at the same time
IIO = +6 mA
(3)
2 V < VDD < 2.7 V
0.4
V
VOH
(2)
Output high level voltage for an I/O pin
when 8 pins are sourced at the same time
VDD–0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com