công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F101X8 bảng dữ liệu(PDF) 71 Page - STMicroelectronics

tên linh kiện STM32F101X8
Giải thích chi tiết về linh kiện  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 bảng dữ liệu(HTML) 71 Page - STMicroelectronics

Back Button STM32F101X8_10 Datasheet HTML 67Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 68Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 69Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 70Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 71Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 72Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 73Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 74Page - STMicroelectronics STM32F101X8_10 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
STM32F101x8, STM32F101xB
Package characteristics
Doc ID 13586 Rev 13
71/85
1.
Drawing is not to scale.
2.
The back-side pad is not internally connected to the VSS or VDD power pads.
3.
There is an exposed die pad on the underside of the VFQFPN package. It should be soldered to the PCB. All leads should
also be soldered to the PCB. It is recommended to connect it to VSS.
Figure 37.
VFQFPN48 7 x 7 mm, 0.5 mm pitch, package
outline(1)
Figure 38.
Recommended footprint
(dimensions in mm)(1)(2)(3)
Seating
Plane
C
Pin no. 1 ID
R = 0.20
Bottom View
1
48
L
12
13
D2
b
24
25
36
37
e
D
V0_ME
0.50
7.30
0.75
5.80
5.80
6.20
6.20
5.60
5.60
13
1
24
37
ai15799
12
48
36
25
0.55
0.30
0.20
Table 46.
VFQFPN48 7 x 7 mm, 0.5 mm pitch, package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.020
0.050
0.0008
0.0020
A2
0.650
1.000
0.0256
0.0394
A3
0.250
0.0098
b
0.180
0.230
0.300
0.0071
0.0091
0.0118
D
6.850
7.000
7.150
0.2697
0.2756
0.2815
D2
2.250
4.700
5.250
0.0886
0.1850
0.2067
E
6.850
7.000
7.150
0.2697
0.2756
0.2815
E2
2.250
4.700
5.250
0.0886
0.1850
0.2067
e
0.450
0.500
0.550
0.0177
0.0197
0.0217
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd
0.080
0.0031
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com