| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 188 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 188 Page - Freescale Semiconductor, Inc |
|
188 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 188 Freescale Semiconductor Operation: (M) + $01 ⇒ M Description: Add one to the content of memory location M. The N, Z and V status bits are set or cleared according to the results of the operation. The C status bit is not affected by the operation, thus allowing the INC instruction to be used as a loop counter in multiple-precision computations. When operating on unsigned values, only BEQ, BNE, LBEQ, and LBNE branches can be expected to perform consistently. When operating on two’s complement values, all signed branches are available. INC Increment Memory INC CCR Details: S X HIN Z V C –––– ∆∆∆ – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: Set if there is a two’s complement overflow as a result of the operation; cleared otherwise. Two’s complement overflow occurs if and only if (M) was $7F before the operation. Source Form Address Mode Object Code Access Detail HCS12 M68HC12 INC opr16a INC oprx0_xysp INC oprx9,xysp INC oprx16,xysp INC [D,xysp] INC [oprx16,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 72 hh ll 62 xb 62 xb ff 62 xb ee ff 62 xb 62 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |