công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 342 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 342 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 338Page - Renesas Technology Corp H8S/2454 Datasheet HTML 339Page - Renesas Technology Corp H8S/2454 Datasheet HTML 340Page - Renesas Technology Corp H8S/2454 Datasheet HTML 341Page - Renesas Technology Corp H8S/2454 Datasheet HTML 342Page - Renesas Technology Corp H8S/2454 Datasheet HTML 343Page - Renesas Technology Corp H8S/2454 Datasheet HTML 344Page - Renesas Technology Corp H8S/2454 Datasheet HTML 345Page - Renesas Technology Corp H8S/2454 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 312 of 1342
REJ09B0467-0100
•
DMA control register_1A (DMACR_1A)
•
DMA control register_1B (DMACR_1B)
•
DMA band control register H (DMABCRH)
•
DMA band control register L (DMABCRL)
•
DMA write enable register (DMAWER)
•
DMA terminal control register (DMATCR)
The functions of MAR, IOAR, ETCR, DMACR, and DMABCR differ according to the transfer
mode (short address mode or full address mode). The transfer mode can be selected by means of
the FAE1 and FAE0 bits in DMABCRH. The register configurations for short address mode and
full address mode of channel 0 are shown in table 7.2.
Table 7.2
Short Address Mode and Full Address Mode (Channel 0)
FAE0
Description
0
Short address mode specified (channels 0A and 0B operate independently)
MAR_0AH
Specifies transfer source/transfer destination address
Specifies transfer destination/transfer source address
Specifies number of transfers
Specifies transfer size, mode, activation source.
Specifies transfer source/transfer destination address
Specifies transfer destination/transfer source address
Specifies number of transfers
Specifies transfer size, mode, activation source.
IOAR_0A
ETCR_0A
DMACR_0A
MAR_0BH
MAR_0AL
MAR_0BL
IOAR_0B
ETCR_0B
DMACR_0B
1
Full address mode specified (channels 0A and 0B operate in combination as channel 0)
MAR_0AH
Specifies transfer source address
Specifies transfer destination address
Not used
Not used
Specifies number of transfers
Specifies number of transfers (used in block transfer
mode only)
Specifies transfer size, mode, activation source, etc.
IOAR_0A
ETCR_0A
DMACR_0A
MAR_0BH
MAR_0AL
MAR_0BL
IOAR_0B
ETCR_0B
DMACR_0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com