công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 345 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 345 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 341Page - Renesas Technology Corp H8S/2454 Datasheet HTML 342Page - Renesas Technology Corp H8S/2454 Datasheet HTML 343Page - Renesas Technology Corp H8S/2454 Datasheet HTML 344Page - Renesas Technology Corp H8S/2454 Datasheet HTML 345Page - Renesas Technology Corp H8S/2454 Datasheet HTML 346Page - Renesas Technology Corp H8S/2454 Datasheet HTML 347Page - Renesas Technology Corp H8S/2454 Datasheet HTML 348Page - Renesas Technology Corp H8S/2454 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 315 of 1342
REJ09B0467-0100
In block transfer mode, ETCRB functions as a 16-bit block transfer counter. ETCRB is
decremented by 1 each time a block is transferred, and transfer ends when the count reaches
H'0000.
7.3.4
DMA Control Registers (DMACRA and DMACRB)
DMACR controls the operation of each DMAC channel.
The DMA has four DMACR registers: DMACR_0A in channel 0 (channel 0A), DMACR_0B in
channel 0 (channel 0B), DMACR_1A in channel 1 (channel 1A), and DMACR_1B in channel 1
(channel 1B). In short address mode, channels A and B operate independently, and in full address
mode, channels A and B operate together. The bit functions in the DMACR registers differ
according to the transfer mode.
(1) Short Address Mode:
•
DMACR_0A, DMACR_0B, DMACR_1A, and DMARC_1B
Bit
Bit Name
Initial Value
R/W
Description
7
DTSZ
0
R/W
Data Transfer Size
Selects the size of data to be transferred at one
time.
0: Byte-size transfer
1: Word-size transfer
6
DTID
0
R/W
Data Transfer Increment/Decrement
Selects incrementing or decrementing of MAR after
every data transfer in sequential mode or repeat
mode. In idle mode, MAR is neither incremented
nor decremented.
0: MAR is incremented after a data transfer
(Initial value)
• When DTSZ = 0, MAR is incremented by 1
• When DTSZ = 1, MAR is incremented by 2
1: MAR is decremented after a data transfer
• When DTSZ = 0, MAR is decremented by 1
• When DTSZ = 1, MAR is decremented by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com