công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 343 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 343 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 339Page - Renesas Technology Corp H8S/2454 Datasheet HTML 340Page - Renesas Technology Corp H8S/2454 Datasheet HTML 341Page - Renesas Technology Corp H8S/2454 Datasheet HTML 342Page - Renesas Technology Corp H8S/2454 Datasheet HTML 343Page - Renesas Technology Corp H8S/2454 Datasheet HTML 344Page - Renesas Technology Corp H8S/2454 Datasheet HTML 345Page - Renesas Technology Corp H8S/2454 Datasheet HTML 346Page - Renesas Technology Corp H8S/2454 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 313 of 1342
REJ09B0467-0100
7.3.1
Memory Address Registers (MARA and MARB)
MAR is a 32-bit readable/writable register that specifies the source address (transfer source
address) or destination address (transfer destination address). MAR consists of two 16-bit registers
MARH and MARL. The upper 8 bits of MARH are reserved: they are always read as 0, and
cannot be modified.
The DMA has four MAR registers: MAR_0A in channel 0 (channel 0A), MAR_0B in channel 0
(channel 0B), MAR_1A in channel 1 (channel 1A), and MAR_1B in channel 1 (channel 1B).
MAR is not initialized by a reset or in standby mode.
Short Address Mode: In short address mode, MARA and MARB operate independently.
Whether MAR functions as the source address register or as the destination address register can be
selected by means of the DTDIR bit in DMACR.
MAR is incremented or decremented each time a byte or word transfer is executed, so that the
address specified by MAR is constantly updated.
Full Address Mode: In full address mode, MARA functions as the source address register, and
MARB as the destination address register.
MAR is incremented or decremented each time a byte or word transfer is executed, so that the
source or destination address is constantly updated.
7.3.2
I/O Address Registers (IOARA and IOARB)
IOAR is a 16-bit readable/writable register that specifies the lower 16 bits of the source address
(transfer source address) or destination address (transfer destination address). The upper 8 bits of
the transfer address are automatically set to H'FF.
The DMA has four IOAR registers: IOAR_0A in channel 0 (channel 0A), IOAR_0B in channel 0
(channel 0B), IOAR_1A in channel 1 (channel 1A), and IOAR_1B in channel 1 (channel 1B).
Whether IOAR functions as the source address register or as the destination address register can
be selected by means of the DTDIR bit in DMACR.
IOAR is not incremented or decremented each time a data transfer is executed, so the address
specified by IOAR is fixed.
IOAR is not initialized by a reset or in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com