công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 339 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 339 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 335Page - Renesas Technology Corp H8S/2454 Datasheet HTML 336Page - Renesas Technology Corp H8S/2454 Datasheet HTML 337Page - Renesas Technology Corp H8S/2454 Datasheet HTML 338Page - Renesas Technology Corp H8S/2454 Datasheet HTML 339Page - Renesas Technology Corp H8S/2454 Datasheet HTML 340Page - Renesas Technology Corp H8S/2454 Datasheet HTML 341Page - Renesas Technology Corp H8S/2454 Datasheet HTML 342Page - Renesas Technology Corp H8S/2454 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1376 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 309 of 1342
REJ09B0467-0100
Section 7 DMA Controller (DMAC)
This LSI has a built-in DMA controller (DMAC) which can carry out data transfer on up to 4
channels.
7.1
Features
•
Selectable as short address mode or full address mode
Short address mode
 Maximum of 4 channels can be used
 Dual address mode or single address mode can be selected
 In dual address mode, one of the two addresses, transfer source and transfer destination, is
specified as 24 bits and the other as 16 bits
 In single address mode, transfer source or transfer destination address only is specified as
24 bits
 In single address mode, transfer can be performed in one bus cycle
 Choice of sequential mode, idle mode, or repeat mode for dual address mode and single
address mode
Full address mode
 Maximum of 2 channels can be used
 Transfer source and transfer destination addresses as specified as 24 bits
 Choice of normal mode or block transfer mode
•
16-Mbyte address space can be specified directly
•
Byte or word can be set as the transfer unit
•
Activation sources: internal interrupt, external request, auto-request (depending on transfer
mode)
 Six compare match/input capture interrupts of 16-bit timer-pulse unit (TPU0 to TPU5)
 Transmission complete interrupt and reception complete interrupt of serial communication
interface (SCI_0, SCI_1)
 Conversion end interrupt of A/D converter (A/D_0)
 EP1FIFO full interrupt and EP2FIFO empty interrupt of USB
 External request
 Auto-request
•
Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com