công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 338 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 338 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 334Page - Renesas Technology Corp H8S/2454 Datasheet HTML 335Page - Renesas Technology Corp H8S/2454 Datasheet HTML 336Page - Renesas Technology Corp H8S/2454 Datasheet HTML 337Page - Renesas Technology Corp H8S/2454 Datasheet HTML 338Page - Renesas Technology Corp H8S/2454 Datasheet HTML 339Page - Renesas Technology Corp H8S/2454 Datasheet HTML 340Page - Renesas Technology Corp H8S/2454 Datasheet HTML 341Page - Renesas Technology Corp H8S/2454 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 308 of 1342
REJ09B0467-0100
6.15.4
BREQO Output Timing
When the BREQOE bit is set to 1 and the
BREQO signal is output, BREQO may go low before
the
BACK signal.
This will occur if the next external access request or CBR refresh request occurs while internal bus
arbitration is in progress after the chip samples a low level of
BREQ.
6.15.5
Notes on Usage of the Synchronous DRAM
(1) Connection Clock
Be sure to set the clock to be connected to the synchronous DRAM to SDRAM
φ.
(2)
WAIT Pin
In the continuous synchronous DRAM space, insertion of the wait state by the
WAIT pin is
disabled regardless of the setting of the WAITE bit in BCR.
(3) Bank Control
This LSI cannot carry out the bank control of the synchronous DRAM. All banks are selected.
(4) Burst Access
The burst read/burst write mode of the synchronous DRAM is not supported. When setting the
mode register of the synchronous DRAM, set to the burst read/single write and set the burst length
to 1.
(5) CAS Latency
When connecting a synchronous DRAM having CAS latency of 1, set the BE bit to 0 in the
DRAMCR.
Note:
The synchronous DRAM interface is not supported by the H8S/2456 Group and H8S/2454
Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com