công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 336 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 332Page - Renesas Technology Corp H8S/2454 Datasheet HTML 333Page - Renesas Technology Corp H8S/2454 Datasheet HTML 334Page - Renesas Technology Corp H8S/2454 Datasheet HTML 335Page - Renesas Technology Corp H8S/2454 Datasheet HTML 336Page - Renesas Technology Corp H8S/2454 Datasheet HTML 337Page - Renesas Technology Corp H8S/2454 Datasheet HTML 338Page - Renesas Technology Corp H8S/2454 Datasheet HTML 339Page - Renesas Technology Corp H8S/2454 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1376 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 306 of 1342
REJ09B0467-0100
In block transfer mode, it releases the bus after transfer of one block, and in burst mode, after
completion of the transfer. However, in the event of an EXDMAC or external bus release request,
which have a higher priority than the DMAC, the bus may be transferred to the bus master even if
block or burst transfer is in progress.
(4) EXDMAC
The EXDMAC sends the bus arbiter a request for the bus when an activation request is generated.
As the EXDMAC is used exclusively for transfers to and from the external bus, if the bus is
transferred to the EXDMAC, internal accesses by other internal bus masters are still executed in
parallel.
In normal transfer mode or cycle steal transfer mode, the EXDMAC releases the bus after a single
transfer.
In block transfer mode, it releases the bus after transfer of one block, and in burst transfer mode,
after completion of the transfer. By setting the BGUP bit to 1 in EDMDR, it is possible to specify
temporary release of the bus in the event of an external access request from an internal bus master.
For details see section 8, EXDMA Controller (EXDMAC).
Note:
The EXDMAC is not supported by the H8S/2454 Group.
(5) External Bus Release
When the
BREQ pin goes low and an external bus release request is issued while the BRLE bit is
set to 1 in BCR, a bus request is sent to the bus arbiter.
External bus release can be performed on completion of an external bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com