| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-C1 bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 205 page ![]() 98/205 ® bitst store bit Code: 22 F4 Description: Overwrite the bit position Areg of the value in Creg with a single bit with the value given by Breg. Breg is rotated into Creg, to preserve the value rather than the bit number. Definition: Areg ′← (Creg ∧ ~(1 << Areg)) ∨ (Breg << Areg) Breg ′← Creg Creg ′← Breg Status Register: No effect Comments: Secondar y instruction. Areg must be in the range 0..31. Breg must be 0 or 1. See also: bitld bitmask section 4.8. |