| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-C1 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 205 page ![]() 21/205 3 Architecture ® 3.3.1 Evaluation stack The registers Areg, Breg and Creg are organized as a three register evaluation stack, with Areg at the top. The evaluation stack is used for expression evaluation and to hold operands and results of instructions. Generally, instructions may pop values from or push values onto the evaluation stack or both, and do not address individual evalu- ation stack registers. Pushing a value onto the stack means that the value initially in Breg is pushed into Creg, the value in Areg is pushed into Breg and the new value is put in Areg. Popping a value from the stack means that a value is taken from Areg, the value initially in Breg is popped into Areg, and the value in Creg is popped into Breg.The value left in Creg varies between instructions, but is generally the value initially in the Areg. These actions are illustrated in Figure 3.5 and Figure 3.6. Figure 3.5 Pushing a value x onto the evaluation stack Figure 3.6 Popping a value from the evaluation stack 3.3.2 Status register The status register contains status bits which describe the current state of the executing process and any errors which may have been detected. Initially the status register is set to the value given in Table 7.3. The contents of the status register are summarized in Table 3.2 and described in more detail in the following paragraphs. Generally the status register is local except for the Before Areg Breg Creg After a b c a b x Before Areg Breg Creg After a b c c a b |