| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-C1 bảng dữ liệu(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 bảng dữ liệu(HTML) 50 Page - STMicroelectronics |
|
50 / 205 page ![]() 4.10 Function and procedure calls 50/205 ® ldl 0; jab; ST20-C1 processors may have a workspace cache which holds a copy of a few words at the bottom of the work space. This cache is transparent to the programmer but may substantially improve performance. It is refilled whene ver the Wptr is adjusted, so the ajw instruction should not be used excessively. 4.10.2 Parameters It is convenient to load the first three parameters of the procedure or function into the evaluation stack registers, and to arrange the work space of the calling code so that the additional parameters can be stored in locations 1, 2, ... of the work space before the procedure is called. Location zero of the work space is used for the return address. This is illustrated in Figure 4.2, which shows a possible work space layout for a function or procedure with six parameters and four local variables. Figure 4.2 Example function or procedure workspace To enable the procedure to access non-local variables the parameters of a procedure may include a link to the environment in which the procedure was declared. 4.10.3 Returning results Up to two results of size less than or equal to the word length of the processor can be returned from a function in the evaluation stack — the jab instruction uses the third register. Further results, or results larger than the word length, can be returned by passing into the function the addresses of locations to store these results as extra parameters. Wptr in calling code Return Iptr param 3 param 2 param 4 param 5 param 6 param 1 variable 1 variable 2 variable 3 variable 4 Wptr in function or procedure |