| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-C1 bảng dữ liệu(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 bảng dữ liệu(HTML) 96 Page - STMicroelectronics |
|
96 / 205 page ![]() 96/205 ® bitld load bit Code: 22 F3 Description: Get a bit of Breg. The bit number is given by Areg. Breg is rotated into Creg, to preserve the value rather than the bit number. Definition: Areg ′← (Breg >> Areg) ∧ 1 Breg ′← Creg Creg ′← Breg Status Register: No effect Comments: Secondar y instruction. Areg must be in the range 0..31. See also: bitst bitmask section 4.8. |