| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-C1 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 205 page ![]() 4.1 Manipulating the evaluation stack 30/205 ® 4 Using ST20-C1 instructions This chapter describes the purpose for which the sequential instructions are intended, except for the multiply-accumulate instructions, which are described in Chapter 5. These instructions are described in the context of their intended use. Some instruc- tions are designed for use in a particular sequence of instructions, so this chapter describes those sequences. Instructions for exceptions are described in Chapter 6 and multi-tasking instructions are described in Chapter 7. The architecture of the ST20-C1, including the registers and memory arrangement, is described in Chapter 3. 4.1 Manipulating the evaluation stack The evaluation stack consists of the registers Areg, Breg and Creg. The general action of the evaluation stack is described in section 3.3.1. Instructions are provided for shuffling and re-order ing the values on the evaluation stack, as listed in Table 4.1. rot pops the value from Areg off the evaluation stack and rotates it into Creg, and arot pushes the value from Creg onto the stack. rev swaps the Areg and Breg, and dup pushes a copy of Areg onto the stack. Table 4.2 shows how each of these affects the evaluation stack. Each row shows the contents of the evaluation stack after one of these instructions is executed if the initial values of the Areg, Breg and Creg are a, b and c respectively. Many instructions leave the initial Areg in Creg. This value may be restored into the Areg by using arot. Mnemonic Name rot rotate stack arot anti-rotate stack dup duplicate stack rev reverse stack Table 4.1 Evaluation stack manipulation instructions Instruction Areg Breg Creg rot bc a arot ca b rev ba c dup aa b Table 4.2 Evaluation stack manipulation |