| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST20-C1 bảng dữ liệu(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 bảng dữ liệu(HTML) 101 Page - STMicroelectronics |
|
101 / 205 page ![]() 101/205 8 Instruction Set Reference ® dequeue dequeue a process Code: 23 F8 Description: Load into Breg a pointer to the first process from the queue control block pointed to by Areg. Load into Areg a boolean value indicating whether a process was found. The queue control block is defined in Chapter 7. Definition: if (frontptr = NotProcess) -- queue is empty { Areg ′← false Breg ′← undefined } else -- queue is not empty { Areg ′← true Breg ′← frontptr if (frontptr = backptr) -- one process on queue word ′[Areg @ q.FPtrLoc]← NotProcess else -- many processes on queue word ′[Areg @ q.FPtrLoc]← word[ frontptr @ pw.Link ] } Creg ′← undefined where frontptr = word[Areg @ q.FPtrLoc] backptr = word[Areg @ q.BPtrLoc] Status Register: No effect Comments: Secondary instruction. This instruction may require 4 memory accesses. If the queue structure is in off- chip memory then interrupt latency may be affected. Areg must be word aligned (i.e. divisible by 4). See also: enqueue run Chapter 7. |