công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 145 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 145 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 141Page - NEC MPD78CP14KB Datasheet HTML 142Page - NEC MPD78CP14KB Datasheet HTML 143Page - NEC MPD78CP14KB Datasheet HTML 144Page - NEC MPD78CP14KB Datasheet HTML 145Page - NEC MPD78CP14KB Datasheet HTML 146Page - NEC MPD78CP14KB Datasheet HTML 147Page - NEC MPD78CP14KB Datasheet HTML 148Page - NEC MPD78CP14KB Datasheet HTML 149Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
127
7.3.4 Example of serial interface program
In the following example of serial interface programming, data is exchanged with a
µPD71051 in the asynchronous
mode.
This example uses the following parameters:
µPD78C18 oscillator frequency of 11.0592 MHz, TO output internal
clock used as the serial clock, 110 bps data transfer rate, clock rate of 16, 8-bit character length, 2 stop bits, and
even parity enabled.
An example of the system configuration is shown in Figure 7-10. Three lines are necessary for serial data transfer,
the TxD and RxD serial data input and output lines, and the CTS (clear to send) control line. In this example, PC7
is functions as the CTS control line which is used when the
µPD78C18 receives data. As PC7 is in input port mode
from resetting until the mode is set, "1" is written to the PC7 output latch before it is pulled high with a pull-up resistor
and set as an output port.
Figure 7-10. Example of Serial Data Transfer System Configuration
VDD
Baud
rate
generator
CTS
RxDATA
TxDATA
TxCLK
RxCLK
CTS(PC7)
TxD
RxD
PD78C18
µ
PD71051
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com