công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 143 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 143 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 139Page - NEC MPD78CP14KB Datasheet HTML 140Page - NEC MPD78CP14KB Datasheet HTML 141Page - NEC MPD78CP14KB Datasheet HTML 142Page - NEC MPD78CP14KB Datasheet HTML 143Page - NEC MPD78CP14KB Datasheet HTML 144Page - NEC MPD78CP14KB Datasheet HTML 145Page - NEC MPD78CP14KB Datasheet HTML 146Page - NEC MPD78CP14KB Datasheet HTML 147Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
125
(2) Data reception
A receive operation in the I/O interface mode is enabled by setting (1) the RxE bit of the serial mode high
register (SMH), and receive data (RxD) is input to the serial register in order from MSB on the rising edge
of SCK.
When the serial register receives 8-bit data, the data is transferred from the serial register to the receive buffer
register and a serial reception interrupt (INTSR) is generated.
When SCK is an external clock, the data sent in synchronization with SCK is input to the serial register on
the rising edge of SCK.
When SCK is an internal clock, it must be started by setting (1) the TSK bit of the serial mode high register
(SMH).
Serial reception interrupts are disabled by setting (1) the MKSR bit of the interrupt mask register (MKH).
The maximum data transfer rate in reception is 625 kbps when an internal clock is used as SCK, and 660 kbps
when an external clock is used (at 15 MHz operation). The high-level width of the 8th SCK pulse must be
at least 6 states.
Caution 1. When fewer than 8 external clock pulses are input (in transmission)
The correction procedure is shown below for the case where fewer than 8 external clock
pulses are input when performing transmission/reception in the I/O interface mode using
external clock input.
(1)
TxE bit reset to "0"
: Disable transmission
(2)
Change MC register
MC (2)
→ set to "1"
: Set to input port
MC (0)
→ reset to "0"
: Outputs high level
PC (0)
→ set to "1"
: Set to output port
(3)
Change MMC register
MMC (2)
→ reset to "0"
: SCK pin set to port mode
MMC (0)
→ reset to "0"
: TxD pin set to port mode
(4)
Change SMH
SK1 = 0 or SK1 = 1
: Set to internal clock mode
SK2 = 1
SK2 = 0
(5)
MKST bit
→ set to "1"
: Mask INTST
(6)
INTFST flag
→ reset to "0"
(7)
TxE bit
→ set to "1"
: Enable transmission and start
output of remaining serial
register data
(8)
Test FST flag
: Wait until FST is set to "1"
(9)
SK1 & SK2 bits
→ set to "1" : Set to external clock
(10) To initial setting of MCC, MC MKST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com