công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 130 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 130 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 126Page - NEC MPD78CP14KB Datasheet HTML 127Page - NEC MPD78CP14KB Datasheet HTML 128Page - NEC MPD78CP14KB Datasheet HTML 129Page - NEC MPD78CP14KB Datasheet HTML 130Page - NEC MPD78CP14KB Datasheet HTML 131Page - NEC MPD78CP14KB Datasheet HTML 132Page - NEC MPD78CP14KB Datasheet HTML 133Page - NEC MPD78CP14KB Datasheet HTML 134Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
112
7.2.2 Serial mode low register (SML)
The individual bits of the serial mode low register are used to specify the operating mode as shown below. The
configuration of this register is shown in Figure 7-3.
(1) B1 & B2 (bits 0 & 1)
These bits determine asynchronous mode and synchronous operation switching and the data rate in the
synchronous mode. In the asynchronous mode the serial clock is divided by the clock rate specified by these
bits and used for data transfer.
For synchronous operation, the B1 and B2 bits are set to "00".
(2) L1 & L2 (bits 2 & 3)
These bits specify the number of bits comprising a character.
(3) PEN (bit 4)
This bit determines whether odd/even parity is added to the transfer data and whether an odd/even parity
check is made on the transfer data.
When the PEN bit is set (1), a parity bit is added to each character before transmission, and a parity check
is performed during reception; if a parity error is generated the error flag is set.
When the PEN bit is reset (0), parity addition and checking is not performed.
(4) EP (bit 5)
This bit controls whether odd or even parity is used. Even parity is used when the EP bit is set (1), and odd
parity when reset (0).
The EP bit is only valid when the PEN bit is set (1).
(5) S1 & S2 (bits 6 & 7)
These bits control the number of stop bits transmitted in the asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com