công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 127 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 127 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 123Page - NEC MPD78CP14KB Datasheet HTML 124Page - NEC MPD78CP14KB Datasheet HTML 125Page - NEC MPD78CP14KB Datasheet HTML 126Page - NEC MPD78CP14KB Datasheet HTML 127Page - NEC MPD78CP14KB Datasheet HTML 128Page - NEC MPD78CP14KB Datasheet HTML 129Page - NEC MPD78CP14KB Datasheet HTML 130Page - NEC MPD78CP14KB Datasheet HTML 131Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
109
7.2 Serial Mode Registers
These are two 8-bit registers which specify the serial interface operation mode, serial clock, data format, etc.
7.2.1 Serial mode high register (SMH)
The individual bits of the serial mode high register are used to specify the operating mode as shown below. The
configuration of this register is shown in Figure 7-2.
(1) SK1, SK2 (bits 0 & 1)
These bits specify whether an internal clock or external clock is used as the serial clock (SCK).
When an internal clock is specified as the serial clock, the serial clock value is determined by the following
expressions,
For internal clock (
φ24)
SCK=
For internal clock (
φ384)
SCK=
For TO output used as internal clock
When the timer input clock is
φ12
SCK=
When the timer input clock is
φ384
SCK=
When the timer F/F input is
φ3
SCK=
where fXX is the oscillator frequency, SCK is the serial clock, and C is the timer count value:
When the timer F/F input is
φ3 when the TO output is used as the internal clock, the clock can only be used
in asynchronous mode when the clock rate is 16 or 64.
384
fXX
24
× C
24
fXX
fXX
768
× C
6
fXX
fXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com