công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 126 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 126 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 122Page - NEC MPD78CP14KB Datasheet HTML 123Page - NEC MPD78CP14KB Datasheet HTML 124Page - NEC MPD78CP14KB Datasheet HTML 125Page - NEC MPD78CP14KB Datasheet HTML 126Page - NEC MPD78CP14KB Datasheet HTML 127Page - NEC MPD78CP14KB Datasheet HTML 128Page - NEC MPD78CP14KB Datasheet HTML 129Page - NEC MPD78CP14KB Datasheet HTML 130Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
108
(1) Transmission unit
(a) Serial register (P
→ S)
This register converts parallel data transferred from the transmit buffer register into serial data and
transmits it from the TxD pin.
(b) Transmit buffer register
This register is used to write the parallel data to be transmitted; when serial register data transmission
ends the contents of the transmit buffer register are transferred to the serial register. When the buffer
register becomes empty an interrupt request (INTST) is generated.
(c) Transmission control circuit
This circuit performs all control required for serial data transmission, and generates related internal
signals.
(2) Reception unit
(a) Serial register (S
→ P)
This register converts serial data input from the RxD pin into parallel data and transfers it to the receive
buffer register.
(b) Receive buffer register
Parallel data converted by the serial register is transferred to this register. When the receive buffer
register becomes full an interrupt request (INTSR) is generated.
(c) Reception control circuit
This circuit performs all control required for serial data reception, and also sets the ER flag if a serial error
is generated. The ER flag can be checked by an SKIT instruction. Resetting the ER flag does not affect
the receive buffer.
(3) Serial mode registers
These are two 8-bit registers which control the operating mode of the serial interface (see 7.2 Serial Mode
Registers for details).
As the serial interface has a serial register and a buffer for send and receive operations, it can send and receive
data independently (full duplex double buffer method transmitter/receiver). However, as the serial clock (SCK) is
used for both send and receive operations, a half duplex method is employed in the synchronous mode and the I/O
interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com