công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 112 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 112 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 108Page - NEC MPD78CP14KB Datasheet HTML 109Page - NEC MPD78CP14KB Datasheet HTML 110Page - NEC MPD78CP14KB Datasheet HTML 111Page - NEC MPD78CP14KB Datasheet HTML 112Page - NEC MPD78CP14KB Datasheet HTML 113Page - NEC MPD78CP14KB Datasheet HTML 114Page - NEC MPD78CP14KB Datasheet HTML 115Page - NEC MPD78CP14KB Datasheet HTML 116Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
94
6.3.4 Pulse width measurement mode
The pulse width measurement mode is used to measure the high-level width of external pulses input to the CI
pin.
After first clearing ECNT, the operation is started by setting the data shown in Figure 6-12 in the timer/event counter
mode register (ETMM).
Caution The timer/event counter count should be started while TO is low (ECNT input is masked). If the
timer is started when TO is high, the counter contents should be read by the second INTEIN
onward after the timer is started.
Figure 6-12. Timer/Event Counter Mode Register Setting (Pulse Width Measurement Mode)
0
0
ETMM
0
2
4
5
6
7
000
1
0
1
31
Cleared on fall of CI input
12
Count while CI input is high
φ
When the CI input rises, the internal clock (
φ12) is supplied to ECNT and the count is started. ECNT continues
the internal clock while the CI input is high. When the CI input falls, the internal clock supply to ECNT is stopped,
the ECNT contents are transferred to the ECPT register, ECNT is cleared, and an internal interrupt (INTEIN) is
generated (see Figure 6-13). The transfer of the ECNT contents to the ECPT register, clearing of ECNT and interrupt
generation are performed on the fall of the CI input (see 6.1 (2) Timer/event counter capture register (ECPT),
(6) Clear control circuit and (7) Interrupt control circuit).
In the pulse width measurement mode both the high-level and low-level width of pulses input to the CI pin must
be at least 16 states (4
µs at 12 MHz operation); if less than 12 states, ECNT contents will not be transferred to the
ECPT register and ECNT will not be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com