công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 114 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 114 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 110Page - NEC MPD78CP14KB Datasheet HTML 111Page - NEC MPD78CP14KB Datasheet HTML 112Page - NEC MPD78CP14KB Datasheet HTML 113Page - NEC MPD78CP14KB Datasheet HTML 114Page - NEC MPD78CP14KB Datasheet HTML 115Page - NEC MPD78CP14KB Datasheet HTML 116Page - NEC MPD78CP14KB Datasheet HTML 117Page - NEC MPD78CP14KB Datasheet HTML 118Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
96
Figure 6-15. Timer/Event Counter Mode Register Setting (Programmable Rectangular-Wave Output Mode)
1
0
ETMM
0
2
4
5
6
7
011
1
0
0
31
LV0 level output by match of ECNT and
ETM0 contents or ECNT and ETM1 contents
ECNT cleared by match of ECNT and
ETM1 contents
Internal clock ( 12) count
φ
In the same way as in the interval timer mode, ECNT counts up every
φ12 and the respective comparator compares
the ECNT count with the ETM0/ETM1 contents, and if a match is detected, generates a match signal (CP0/CP1) and
an interrupt (INTE0/INTE1). In response to the match signal, the output control circuit outputs the contents of the
level F/F (LV0) to the CO0 pin and inverts the LV0 contents.
Only in the event of a match between ECNT and ETM1, the ECNT contents are cleared and the count starts again
from 0000H. Thus a rectangular-wave output is obtained from CO0 with a pulse width equal to the count time
determined by the count value set in ETM0 and ETM1 (see Figure 6-16).
Internal interrupts can be disabled by setting (1) the MKE0/MKE1 bits of the interrupt mask register (MKL).
Rectangular-wave output from the CO1 pin is implemented in the same way as square-wave output from the CO0
pin by changing the mode register setting.
Figure 6-16. Programmable Rectangular-Wave Output Mode Operation
0
CP0
CP1
CO0
0
m
mn
0
n
Internal
clock
( 12)
φ
ECNT clearance
ECNT clearance
Start
Remark
ETM0=m
(m < n: m, n count value)
ETM1=n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com