công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 109 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 109 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 105Page - NEC MPD78CP14KB Datasheet HTML 106Page - NEC MPD78CP14KB Datasheet HTML 107Page - NEC MPD78CP14KB Datasheet HTML 108Page - NEC MPD78CP14KB Datasheet HTML 109Page - NEC MPD78CP14KB Datasheet HTML 110Page - NEC MPD78CP14KB Datasheet HTML 111Page - NEC MPD78CP14KB Datasheet HTML 112Page - NEC MPD78CP14KB Datasheet HTML 113Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
91
Figure 6-6. Timer/Event Counter Mode Register Setting (Interval Timer Mode)
1
0
ETMM
0
2
4
5
6
7
000
1
0
0
31
Internal clock ( 12) count
ECNT cleared by match of ECNT
and ETM1 contents
φ
ECNT counts up every 1
µs, and the respective comparator compares the ECNT count with the ETM0/ETM1
contents, and if a match is detected generates an internal interrupt (INTE0/INTE1) by means of a match signal (CP0/
CP1). Only in the event of a match between ECNT and ETM1, the ECNT contents are cleared and the count starts
again from 0000H. Thus the timer functions as an interval timer which repeatedly generates interrupts using the
count time determined by the count value set in ETM1 as the interval (see Figure 6-7).
Caution Since ETMM setting and the start of the internal clock are asynchronous, it should be noted that
some degree of error may arise in the first interval.
Internal interrupts can be disabled by setting (1) the MKE0/MKE1 bits of the interrupt mask register (MKL).
Figure 6-7. Interval Timer Mode Operation
Remark
ETM0=m
(m<n: m, n; count value)
ETM1=n
0
Start
(ETMM setting)
Interrupt
acknowledgment
ECNT
clearance
Interrupt
acknowledgment
Interrupt
acknowledgment
ECNT
clearance
CP0
CP1
INTE0
0
m
mn
0
n
Internal
clock
( 12)
φ
INTE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com