công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 106 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 106 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 102Page - NEC MPD78CP14KB Datasheet HTML 103Page - NEC MPD78CP14KB Datasheet HTML 104Page - NEC MPD78CP14KB Datasheet HTML 105Page - NEC MPD78CP14KB Datasheet HTML 106Page - NEC MPD78CP14KB Datasheet HTML 107Page - NEC MPD78CP14KB Datasheet HTML 108Page - NEC MPD78CP14KB Datasheet HTML 109Page - NEC MPD78CP14KB Datasheet HTML 110Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 373 page
background image
CHAPTER 6
TIMER/EVENT COUNTER FUNCTIONS
88
6.2.2 Timer/event counter output mode register (EOM)
This is an 8-bit register which controls the operation of the timer/event counter output control circuit.
First, the configuration of the functions of the output control cycle will be described. The block diagram of the
CO0 output of the output control circuit is shown in Figure 6-3.
The CO0 output is a master/slave type output, and the first-stage level F/F (LV0) holds the level to be output next.
The next-stage output latch is used to output the LV0 level off chip.
For the timing for inversion of the LV0 level and output off chip from LV0, the output timing specified by the timer/
event counter mode register is used.
The configuration of the CO1 output is the same as that of the CO0 output.
Figure 6-3. Output Control Circuit Block Diagram (CO0 Output)
The timer/event counter output mode register performs initialization and operation control for the output control
circuit above; its configuration is shown in Figure 6-4.
(1) LO0 & LO1 (bits 0 & 4)
When LO0 or LO1 bit is set (1), the level of the level F/F (LV0 or LV1) is output to the output pin. These bits
are automatically reset (0) when the level is output.
(2) LD0 & LD1 (bits 1 & 5)
These bits determine whether or not the LV0/LV1 level is inverted using the timing specified by the timer/
event counter mode register. When the LD0/LD1 bit is set (1), the LV0/LV1 level is inverted using the specified
output timing. When the LD0/LD1 bit is reset (0), inversion is disabled.
(3) LRE0, LRE1, LRE2, LRE3 (bits 2, 3, 6, 7)
These bits perform level F/F setting/resetting: When the LRE0 or LRE2 bit is set (1), LV0 or LV1 is reset
respectively; and when LRE1/LRE3 is set (1), LV0/LV1 is set.
These bits automatically return to "0" when the level F/F is set/reset.
LD0
CP0
CP1
CI
LO0
LRE0
LRE1
R
S
INV
LV0
QD
CK
O
Output latch
Level F/F
PC6/CO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com