công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 229 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 229 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 225Page - NEC MPD78CP14KB Datasheet HTML 226Page - NEC MPD78CP14KB Datasheet HTML 227Page - NEC MPD78CP14KB Datasheet HTML 228Page - NEC MPD78CP14KB Datasheet HTML 229Page - NEC MPD78CP14KB Datasheet HTML 230Page - NEC MPD78CP14KB Datasheet HTML 231Page - NEC MPD78CP14KB Datasheet HTML 232Page - NEC MPD78CP14KB Datasheet HTML 233Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 373 page
background image
CHAPTER 13
PROM WRITE AND VERIFY OPERATIONS (
µPD78CP18/78CP14 ONLY)
211
13.4 Erasure Procedure (Ceramic Package Products Only)
The programmed data contents of the
µPD78CP18DW/78CP18KB/78CP14DW/78CP14KB/78CP14R can be erased
by exposure to ultraviolet radiation through the window in the top of the package.
Erasure is possible using ultraviolet light with a wavelength of approximately 250 nm. The exposure required for
complete erasure is 15 W s/cm2 (UV intensity
× erasure time).
Using a commercially available UV lamp (254 nm wavelength, 12 m W/cm2 intensity), erasure takes approximately
15 to 20 minutes.
Cautions 1. Program contents may also be erased by extended exposure to direct sunlight or fluorescent
light. The contents should therefore be protected by masking the window in the top of the
package with light-shielding cover film.
2. Erasure should normally be carried out at a distance of 2.5 cm or less from the UV lamp.
Remark
The erasure time may be increased due to deterioration of the UV lamp or dirt on the package window.
13.5 One-Time PROM Products Screening
One-time PROM products (
µPD78CP18CW/78CP18GF-3BE/78CP18GQ-36/78CP14CW/78CP14G-36/78CP14GF-
3BE/78CP14L) can not be completely examined for shipment in NEC according to their structure matters. After
needed data is written, screening, in which PROM verification is performed after high temperature storage based
on the conditions below, is recommended.
Storage Temperature
Storage Time
125
°C
24 hours
NEC performs fee-charged service, named "QTOPTM microcontroller", for one-time PROM writing, marking and
screening including verification. For details, contact our salesman.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com