công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP14KB bảng dữ liệu(PDF) 162 Page - NEC

tên linh kiện MPD78CP14KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP14KB bảng dữ liệu(HTML) 162 Page - NEC

Back Button MPD78CP14KB Datasheet HTML 158Page - NEC MPD78CP14KB Datasheet HTML 159Page - NEC MPD78CP14KB Datasheet HTML 160Page - NEC MPD78CP14KB Datasheet HTML 161Page - NEC MPD78CP14KB Datasheet HTML 162Page - NEC MPD78CP14KB Datasheet HTML 163Page - NEC MPD78CP14KB Datasheet HTML 164Page - NEC MPD78CP14KB Datasheet HTML 165Page - NEC MPD78CP14KB Datasheet HTML 166Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 373 page
background image
CHAPTER 8
ANALOG/DIGITAL CONVERTER FUNCTIONS
144
A/D conversion is performed on the single analog input specified by the A/D channel mode register, and the A/
D conversion result is stored in the order CR0
→CR1→CR2→CR3. When the conversion values have been stored
in all four CR registers (CR0 to CR3), an INTAD internal interrupt is generated.
The A/D converter continues A/D conversion again irrespective of whether or not an interrupt request has been
acknowledged, and stores the A/D conversion results in order starting with CR0. Thus the most recent conversion
values are always stored in the CR registers.
The A/D converter repeats the above operation until the contents of the A/D channel mode register are changed.
This mode holds the most recent conversion values for the selected analog inputs, and is useful for averaging
conversion values or preventing noise input, etc.
Internal interrupts are disabled by setting (1) the MKAD bit of the interrupt mask register (MKH).
Figure 8-6. Outline of A/D Converter Operation Timing in Select Mode
8.3.3 A/D converter operation control method
A/D converter operation can be stopped by controlling the VAREF input voltage. When a voltage of VIH1 or more
is input to the VAREF pin, the A/D converter starts the conversion operation and the conversion result is guaranteed
for VAREF=3.4 V to AVDD. If the VAREF pin input voltage is made VIL1 or less during the conversion operation, the A/D
converter conversion operation stops and CR0 to CR3 contents are undefined.
If the VAREF input voltage is changed for A/D converter to stop control, the A/D channel mode register (ANM) is
not affected. Thus, if the VAREF input voltage is increased to 3.4 V or more to reset the operating state from the stop
state, the A/D converter restarts its operation by storing a conversion value in CR0 in the mode in effect just before
it stopped.
If the VAREF input voltage level is changed, the edge detection function of inputs AN4 to AN7 is not affected.
Caution When VAREF is low, inputs AN0 to AN7 must be in the range from AVSS to AVDD.
ANn
conversion
operation
ANn
conversion
operation
ANn
conversion
operation
ANn
conversion
operation
Sampling
Sampling
Sampling
ANM
register
write
Conversion
result write
to CR0 register
Conversion
result write
to CR1 register
Conversion
result write
to CR2 register
INTFAD flag setting
Conversion
result write
to CR3 register
Sampling
ANn
conversion
operation
Conversion
result write
to CR0 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com